Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1095 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1095 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1095 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-17
Reads or writes from RapidIO
C3:2
—
Reads or writes from PCI
C4:3
—
Reads or writes from DMA
C5:2
—
Row open table hits for reads or writes
from core
Ref:14
—
Row open table hits for reads or writes
from TSEC 1
C6:1
—
Row open table hits for reads or writes
from TSEC 2
C7:0
—
Row open table hits for reads or writes
from RapidIO
C6:2
—
Row open table hits for reads or writes
from PCI
C7:1
—
Row open table hits for reads or writes
from DMA
C8:2
—
Memory Target Queue Events
MEM TQ read/write address collision
C5:5
—
RapidIO Controller Events
Misaligned transactions on RapidIO
C4:11
New transactions loaded into the misaligned engine
Retried packets on RapidIO transmit
due to resource limitations
C2:62
Includes only packets that caused the retry, not ignored
packets that must be resent
Flushed packets due to prior retries or
error recovery on RapidIO transmit
C3:10
Includes the packet being acknowledge retried
Retried or not accepted packets on
RapidIO Rx
C5:7
Includes only retried or unaccepted packets from a remote
device, not ignored packets that must be resent
Misaligned engine priority 2 occupied
C5:12
Misaligned engine for priority 2 transactions busy
Misaligned engine priority 1 occupied
C6:12
—
Misaligned engine priority 0 occupied
C7:10
Misaligned engine for priority 0 transactions busy
ACK history queue full
C4:61
Unacked packets are outstanding.
Outbound RapidIO stopped for training
event
C6:13
Event asserted during cycles when packet transmission is
stopped for training.
RapidIO outbound retry-stopped event
C7:11
Outbound port is stopped due to an inbound ACK retry
Outbound RapidIO error-stopped
event
C8:11
Outbound port is stopped due to an inbound ACK not
accepted
Inbound message packet protocol level
retry
C4:18
—
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com