Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1098 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1098 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1098 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-20
Freescale Semiconductor
Performance Monitor
ECM e500 direct read bus beat
Ref:17
—
ECM e500 direct read bus beat
forwarded
C2:24
ECM direct read bus beat forwarded directly to e500 R1
data bus
ECM cancel
Ref:18
—
Interrupt Controller (PIC) Events
PIC total interrupt count
Ref:26
Total number of interrupts serviced
PIC interrupt wait cycles
C8:62
Counts cycles when an interrupt waits to be acknowledge
PIC interrupt service cycles
C2:19
Number of cycles there is an interrupt currently being
serviced
PIC interrupt select 0 (duration
threshold)
C1:56
THRESHOLD: select 0–3: interrupt count over threshold.
(Note: only unmasked, nonzero priority requests are
acknowledged). The four interrupts are selected through
register pairs, PM0MRn–PM3MRn. See Section 10.3.4,
“Performance Monitor Mask Registers (PMMRs).”
PIC interrupt select 1 (duration
threshold)
C3:59
PIC interrupt select 2 (duration
threshold)
C5:55
PIC interrupt select 3 (duration
threshold)
C6:60
PCI/PCI-X Common Events
PCI/PCI-X clock cycles
Ref:28
—
PCI/PCI-X inbound memory reads
C1:62
Includes all read types
PCI/PCI-X inbound memory writes
C2:37
—
PCI/PCI-X inbound config reads
C3:63
—
PCI/PCI-X inbound config writes
C4:37
—
PCI/PCI-X outbound memory reads
C5:30
Includes all read types
PCI outbound memory writes/PCI-X
outbound memory writes attempted
C6:32
Number of PCI outbound memory writes or number of
PCI-X outbound memory writes attempted
PCI/PCI-X outbound I/O reads
C3:37
—
PCI/PCI-X outbound I/O writes
C4:38
—
PCI outbound config reads/PCI-X
outbound config reads attempted
C7:26
Number of PCI outbound config reads OR number of PCI-X
outbound config reads attempted
PCI/PCI-X outbound config writes
C8:26
—
PCI/PCI-X inbound total read data
beats
C5:32
Includes 32- and 64-bit transactions
PCI/PCI-X inbound total write data
beats
C6:34
Includes 32- and 64-bit transactions
PCI/PCI-X outbound total read data
beats
C7:28
Includes 32- and 64-bit transactions
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com