Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1100 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1100 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1100 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-22
Freescale Semiconductor
Performance Monitor
PCI wait
PCI-X initial wait
C1:35
PCI_IRDY, PCI_TRDY not both asserted
PCI Specific Events
PCI cycles PCI_IRDY is asserted
C6:36
—
PCI cycles PCI_TRDY is asserted
C7:31
—
PCI cycles PCI_FRAME is asserted
C8:31
—
PCI-X 1 split transaction
C2:41
Number of PCI-X cycles there are 1 or more outbound read
transactions awaiting completion (either waiting for a split
response, or a partially transacted dword disconnected by
a SDPD, awaiting completion)
PCI-X 2 split transactions
C3:40
Number of PCI-X cycles there are 2 or more outbound read
transactions awaiting completion (either waiting for a split
response, or a partially transacted dword disconnected by
a SDPD, awaiting completion)
PCI-X 3 split transactions
C4:41
Number of PCI-X cycles there are 3 or more outbound read
transactions awaiting completion (either waiting for a split
response, or a partially transacted dword disconnected by
a SDPD, awaiting completion)
PCI-X 4 split transactions
C5:34
Number of PCI-X cycles there are 4 outbound read
transactions awaiting completion (either waiting for a split
response, or a partially transacted dword disconnected by
a SDPD, awaiting completion)
PCI-X split responses
C6:37
Split responses received for an outbound transactions
PCI-X ADB disconnects
C7:32
—
PCI/PCI-X snoopable
C1:32
—
PCI/PCI-X write stash
C2:42
—
PCI/PCI-X write stash with lock
C3:41
—
PCI/PCI-X read unlock
C4:42
—
PCI/PCI-X byte enable transactions
C1:33
—
PCI/PCI-X non-byte enable
transactions
C2:43
—
Three-Speed Ethernet Controller (TSEC) Events
TSEC1 Address Data Filtering (ADF) Events
Accepted frames
Ref:36
—
Individual hash table accepted frame
C7:35
—
Group hash table accepted frame
C8:35
—
Rejected frames
Ref:39
—
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com