Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1104 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1104 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1104 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-26
Freescale Semiconductor
Performance Monitor
Atomic reservation time-outs for ECM
port
C6:54
—
Cycles a read is taking in GPCM
C1:53
—
Cycles a read is taking in UPM
C2:58
—
Cycles a read is taking in SDRAM
C3:57
—
Cycles a write is taking in GPCM
C4:56
—
Cycles a write is taking in UPM
C5:50
—
Cycles a write is taking in SDRAM
C6:55
—
SDRAM bank misses
C7:51
—
SDRAM page misses
C8:51
—
L2 Cache/SRAM Events
Core instruction accesses to L2 that hit
Ref:22
—
Core instruction accesses to L2 that
miss
C2:59
—
Core data accesses to L2 that hit
Ref:23
—
Core data accesses to L2 that miss
C4:57
—
Non-core burst write to L2 (cache
external write or SRAM)
C5:51
—
Non-core non-burst write to L2
C6:56
—
Noncore write misses cache external
write window and SRAM memory
range
C7:52
—
Non-core read hit in L2
Ref:24
—
Non-core read miss in L2
C1:54
—
L2 allocates, from any source
Ref:25
—
L2 retries due to full write queue
C2:60
—
L2 retries due to address collision
C3:58
—
L2 failed lock attempts due to full set
C4:58
—
L2 victimizations of valid lines
C5:52
—
L2 invalidations of lines
C6:57
—
L2 clearing of locks
C7:53
—
Debug Events
External event
C3:61
Number of cycles trig_in pin is asserted
Watchpoint monitor hits
C2:61
—
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com