Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1108 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1108 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1108 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-2
Freescale Semiconductor
Debug Features and Watchpoint Facility
Figure 20-1. Debug and Watchpoint Monitor Block Diagram
20.1.1 Overview
As shown in Figure 20-1, debug information is provided through the following interfaces:
PCI/PCI-X, LBC, and DDR SDRAM. Limited visibility, through a 256
× 64 trace buffer, is also
provided for the processor core interface and on an internal RapidIO outbound interface. This
visibility into internal device operation is useful for debugging application software through
inverse assembly and reconstruction of the fetch stream.
The combination of a source ID (MSRCID[0:4]) and a data-valid signal (MDVAL) indicates that
meaningful debug information is visible on either the local bus or DDR SDRAM interfaces. A
logic analyzer can be programmed to capture data based on the values of MSRCID[0:4] and
MDVAL.
e500 Coherency
PCI/PCI-X
Controller
RapidIO
e500 Processor
DDR
Controller
LBC
Controller
MECC[0:5]
MSRCID[0:4],
MDVAL
TRIG_IN
TRIG_OUT
PCI_AD[62:58]
Trace Buffer
(256 x 64)
Watchpoint
and trace
buffer control
Module
Core
SDRAM
Performance
Monitor
Signal name
LBC protocol signals
All other DDR signals
6
6
6
5
6
All other PCI signals
PORDBGMSR[MEM_SEL] =
POR value of MSRCID0
SRCID[0:4]
SRCID[0:4]
DVAL
SRCID[0:4]
DVAL
(Local Bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com