| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1111 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1111 Page - Freescale Semiconductor, Inc |
|
1111 / 1302 page ![]() Introduction MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 20-5 20.1.3.3 PCI/PCI-X Interface Debug Modes If PCI_GNT3 is low when sampled during POR, the PCI/PCI-X interface operates in debug mode. In this mode, the source ID information appears on the high-order address bits (PCI_AD[62:58]) during the bus command phase. See Section 20.4.2, “PCI/PCI-X Interface Debug,” for more information. 20.1.3.4 Watchpoint Monitor Modes The watchpoint monitor supports the following operating modes: • Immediate trigger arming (one-level triggering)—The watchpoint monitor triggers as soon as the first trigger event occurs. • Wait for trigger arming (two-level triggering)—The watchpoint monitor waits for a specific event before enabling (arming) the trigger logic. The monitor does not respond to trigger events until after the arming event occurs. This function is similar to two-level triggering on a logic analyzer. • Assert TRIG_OUT on hit—The debug block can be programmed to assert the TRIG_OUT signal when a programmed watchpoint monitor event occurs. This signal can be used to trigger a logic analyzer. 20.1.3.5 Trace Buffer Modes The trace buffer supports the following operating modes: • Immediate trigger arming (one-level triggering)—The trace buffer triggers as soon as the first trigger event occurs. • Wait for trigger arming (two-level triggering)—The trace buffer waits for a specific event before enabling (arming) the trigger logic. The trace buffer does not respond to trigger events until after the arming event occurs. This function is similar to two-level triggering on a logic analyzer. • Specific interface selection—The trace buffer can be programmed to trace one of several internal interfaces. • Specific event selection—The trace buffer can be programmed to trace on the occurrence of one or several concurrent events. • Specific trace selection—To facilitate trace data filtering, the trace buffer can be configured to capture data under the following conditions: — On every cycle in which a valid transaction is present on the selected interface — Only when a watchpoint monitor event occurs — Only when the programmed trace event is detected • Programmable trace stop—The trace buffer may be programmed to stop tracing when a programmed stop-tracing event occurs or when the 256-entry buffer is full. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |