Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1109 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1109 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1109 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-3
Othmer system debugging is supported by the programmable triggering of the watchpoint monitor
and trace buffer. Both can be triggered from one of the following three sources:
•
Each other
•
A performance monitor event
•
An external source (through TRIG_IN)
The watchpoint monitor can be configured to assert TRIG_OUT when a programmed event
occurs. The two context ID registers, described in Section 20.3.3, “Context ID Registers,” are
useful for software debug.
20.1.2 Features
The principle features of the debug modes and the watchpoint monitor are as follows:
•
PCI/PCI-X interface: transaction source ID driven onto PCI_AD[62:58]
•
LBC and DDR interface source ID and data-valid indicators
— LBC or DDR SDRAM source ID can be selected to be driven onto MSRCID[0:4]
— Source ID and data-valid indicators can be selected to be driven onto the error
correcting code (ECC) pins of the DDR interface
•
Watchpoint monitor that supports the following:
— Two-level triggering
— Programmable external trigger (TRIG_OUT)
— Interlocking with performance monitor to use its large number of counters
•
Trace buffer features that supports the following:
— Two-level triggering
— Programmable external trigger (TRIG_OUT)
— Interlocking with performance monitor to use its large number of counters
— 256-entry trace buffer, 64 bits each
— Programmable trace start and stop
— Functionality as a second watchpoint monitor
•
Context ID registers that can be programmed to trigger events
20.1.3 Modes of Operation
The PCI/PCI-X, LBC, and DDR SDRAM interfaces all have debug modes, which are controlled
by values on configuration inputs during the power-on reset (POR) sequence, as shown in
Table 20-3. The DDR controller can also drive debug information on either MSRCID[0:4] or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com