Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1112 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1112 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1112 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-6
Freescale Semiconductor
Debug Features and Watchpoint Facility
20.2 External Signal Descriptions
This section provides information about all the external signals associated with the various
MPC8540 debug functions.
As shown in Table 20-1, the MPC8540 has several signals that are sampled during POR to
determine the configuration of the phase-locked loop clock mode and the ROM, Flash, and
dynamic memory. See Chapter 4, “Reset, Clocking, and Initialization.”
To facilitate system testing, the MPC8540 provides a JTAG test access port (TAP) that complies
with the IEEE 1149.1 boundary-scan specification. This section also describes JTAG TAP signals.
20.2.1 Overview
All the signals associated with device debug features are summarized in Table 20-2, listed with a
reference to the page number of the section with more information. The detailed descriptions are
contained in Table 20-2. Some signals (the MECC bus for example) are additionally described in
other chapters, but are described here also for completeness, with emphasis on their debugging
utility.
Table 20-2. Debug, Watchpoint and Test Signal Summary
Name
Description
Functional
Block
Function
Reset
Value
I/O Page #
MDVAL
Memory
data-valid
Debug
Selectable data-valid signal from either DDR SDRAM
controller or LBC
1O
20-7
MECC[0:7]
DDR error
correcting
code
DDR
SDRAM
In debug mode, the 6 high-order bits carry debug
information (transaction source ID and data-valid
indication).
0x08
O1
20-8
MSRCID[0:1]
Memory
source ID
Debug
Selectable transaction source ID from either DDR SDRAM
controller or local bus controller
Reset_cfg
O
20-8
MSRCID[2:4]
111
O
20-8
TRIG_IN
Trigger in
Debug
Trigger for various function in the watchpoint monitor and
trace buffer
1I
20-8
TRIG_OUT
Trigger out
Debug
Can be used externally for triggering a logic analyzer.
Additionally, it can be used for observing system ready
indication. Functions are multiplexed onto this signal
depending on TOSR[SEL] (see Table 20-25).
1O
20-8
PCI_AD[62:58] PCI address
Debug
In debug mode these pins carry the source ID of the
transaction.
0000_0
O
20-8
TCK
Test clock
Debug
Clock for JTAG testing. Internally pulled up
1
I
20-9
TDI
Test data
input
Debug
Serial input for instructions and data to the JTAG test
subsystem. Internally pulled up
1I
20-9
TDO
Test data
output
Debug
Serial data output for the JTAG test subsystem. High
impedance except when scanning out data
Hi-Z
O
20-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com