Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1113 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1113 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1113 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-7
20.2.2 Detailed Signal Descriptions
This section describes the details of the debug, watchpoint monitor, and JTAG test signals
20.2.2.1 Debug Signals—Details
Table 20-3 describes all signals associated with device debug modes.
TMS
Test mode
select
Debug
Carries commands to the TAP controller for boundary
scan operations. Internally pulled up
1I
20-9
TRST
Test reset
Debug
Resets the TAP controller asynchronously
—
I
20-9
THERM[0:1]
Thermal
resistor
access
Test
These pins tie directly to an internal resistor whose value
varies linearly with temperature.
—I
20-9
TEST_SEL
Test select
Test
Factory test. Must be negated for normal operation
—
I
20-9
LSSD_
MODE
Test
Test
Factory Test. Refer to the MPC8540 Integrated Processor
Hardware Specifications for proper treatment.
I
20-9
L1_TSTCLK
Test
Test
Factory Test. Refer to the MPC8540 Integrated Processor
Hardware Specifications for proper treatment.
I
20-9
L2_TSTCLK
Test
Test
Factory Test. Refer to the MPC8540 Integrated Processor
Hardware Specifications for proper treatment.
I
20-9
1 Although these signals are normally bidirectional, when sourcing debug information they are output only.
Table 20-3. Debug Signals—Detailed Signal Descriptions
Signal
I/O
Description
MDVAL
O
Memory data-valid. Indicates when valid data is available. May be used by a logic analyzer to capture the
data on the data bus.
State
Meaning
Asserted—Indicates that data is valid on the data bus during the current clock cycle. When the
DDR SDRAM interface is selected to source information on MDVAL, this signal is valid for
every cycle that data is driven or received on the DDR SDRAM interface. When the LBC
is selected, this signal is valid for every cycle that data is driven or received on the local
bus interface. The assertion of this signal may be used by a logic analyzer to capture data.
Timing Asserted/Negated—Referenced to the selected interface, (DDR or local bus). Asserts when
data is valid. Assertions are held for the duration of the transfer. Read data timing is similar
to MA. Write data timing is similar to the output MDQ.
Table 20-2. Debug, Watchpoint and Test Signal Summary (continued)
Name
Description
Functional
Block
Function
Reset
Value
I/O Page #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com