Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1116 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1116 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1116 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-10
Freescale Semiconductor
Debug Features and Watchpoint Facility
20.3 Memory Map/Register Definition
Table 20-6 shows the memory-mapped debug and watchpoint registers of the MPC8540.
TRST
IJTAG test reset
State
Meaning
Asserted—Causes asynchronous initialization of the internal JTAG TAP controller. Must be
asserted during power-on reset in order to properly initialize the JTAG TAP and for normal
operation of the MPC8540. An unterminated input appears as a high signal level to the test
logic due to an internal pull-up resistor.
Negated— Normal operation
Timing See IEEE 1149.1 standard for more details
LSSD_MODE
I
Used for factory test. Refer to the MPC8540 Integrated Processor Hardware Specifications for proper
treatment.
L1_TSTCLK
I
Used for factory test. Refer to the MPC8540 Integrated Processor Hardware Specifications for proper
treatment.
L2_TSTCLK
I
Used for factory test. Refer to the MPC8540 Integrated Processor Hardware Specifications for proper
treatment.
THERM[0:1]
I
These signals provide access to an internal resistor that has a value that varies linearly with temperature.
The actual value for the resistor varies from device to device, but the linear relationship between
temperature and resistance is consistent. See the MPC8540 Integrated Processor Hardware Specifications
for more information on how to accurately measure the junction temperature of a device. Note that this
thermal resistor is intended for engineering development only.
TEST_SEL
I
Used for factory test. Must be negated for normal operation
Table 20-6. Debug and Watchpoint Monitor Memory Map
Local
Memory
Offset
Register
Acces
s
Reset
Section/Page
Watchpoint Monitor Registers
0xE_2000
WMCR0—Watchpoint monitor control register 0
R/W
0x0000_0000
20.3.1.1/20-11
0xE_2004
WMCR1—Watchpoint monitor control register 1
R/W
0x0000_0000
20.3.1.1/20-11
0xE_200C
WMAR—Watchpoint monitor address register
R/W
0x0000_0000
20.3.1.2/20-13
0xE_2014
WMAMR—Watchpoint monitor address mask register
R/W
0x0000_0000
20.3.1.3/20-14
0xE_2018
WMTMR—Watchpoint monitor transaction mask register
R/W
0x0000_0000
20.3.1.4/20-14
0xE_201C
WMSR—Watchpoint monitor status register
R/W
0x0000_0000
20.3.1.5/20-16
Trace Buffer Registers
0xE_2040
TBCR0—Trace buffer control register 0
R/W
0x0000_0000
20.3.2.1/20-16
0xE_2044
TBCR1—Trace buffer control register 1
R/W
0x0000_0000
20.3.2.1/20-16
Table 20-5. JTAG Test and Other Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com