Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1120 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1120 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1120 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-14
Freescale Semiconductor
Debug Features and Watchpoint Facility
Table 20-9 describes the WMAR fields.
20.3.1.3 Watchpoint Monitor Address Mask Register (WMAMR)
The watchpoint monitor address mask register (WMAMR) shown in Figure 20-5 contains the
mask that is applied to a transaction address before the address is compared with WMAR.
Table 20-10 describes the WMAMR fields.
20.3.1.4 Watchpoint Monitor Transaction Mask Register (WMTMR)
The watchpoint monitor transaction mask register (WMTMR), shown in Figure 20-6, specifies
which transaction types to monitor. WMTMR allows users to qualify watchpoint events
specifically with any combination of transaction types. As shown in Table 20-12, each bit
represents as many as four separate transaction types; one for each interface. Setting a bit enables
watchpoint monitoring for the corresponding transaction types.
Because the supported transaction types vary by interface, the type designated by a WMTMR field
also depends on the interface specified by WMCR1[IFSEL]. Table 20-12 lists transaction types
associated with each WMTMR bit by interface.
Table 20-9. WMAR Field Descriptions
Bits
Name
Description
0–31
WMA
Watchpoint monitor address.
0
31
R
WMAM
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2014
Figure 20-5. Watchpoint Monitor Address Mask Register (WMAMR)
Table 20-10. WMAMR Field Descriptions
Bits
Name
Description
0–31
WMAM Watchpoint monitor address mask. A value of zero masks the address comparison for the
corresponding address bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com