Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1121 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1121 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1121 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-15
Table 20-11 describes the WMTMR fields.
The following table defines the transactions associated with each transaction mask bit for the
different interfaces supported by the watchpoint monitor.
0
31
R
WMTM
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2018
Figure 20-6. Watchpoint Monitor Transaction Mask Register (WMTMR)
Table 20-11. WMTMR Field Descriptions
Bits
Name
Description
0–31
WMTM
Watchpoint monitor transaction mask. Each bit corresponds to a transaction type as defined in
Table 20-12. The transaction associated with any particular bit may be different depending on the
interface being monitored. A value of 1 for a given mask bit enables the matching of the transaction
associated with that bit. These bits are meaningful only when WMCR0[TMD]=0.
Table 20-12. Transaction Types by Interface
Bit
e500 Coherency Module Dispatch
DDR Controller
PCI
Outbound
Request
RapidIO
Outbound
Request
0
Write with local processor snoop
Write
Memory write
NWRITE
1
Write with no local processor snoop
—
I/O write
NWRITE_R
2
Write with allocate (L2 stashing)
Write with allocate
—
SWRITE
3
Write with allocate and lock (L2 stashing with
locking)
Write with allocate and lock
—
FLUSH with data
4–7
Reserved
8
Read with local processor snoop
Read
Memory Read
NREAD
9
Read with no local processor snoop
—
I/O Read
IO_READ_HOME
10
Read with unlock
Read with unlock
—
—
11–15
Reserved
16
Atomic clear
ATOMIC clear
—
ATOMIC clear
17
Atomic set
ATOMIC set
—
ATOMIC set
18
Atomic decrement
ATOMIC decrement
—
ATOMIC decrement
19
Atomic increment
ATOMIC increment
—
ATOMIC increment
20–27
Reserved
28
—
—
—
MAINTENANCE
write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com