Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1124 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1124 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1124 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-18
Freescale Semiconductor
Debug Features and Watchpoint Facility
7
HALT
Halt causes the trace buffer to stop tracing immediately.
8–13
—
Reserved
14–15
MODE
Trace mode. Specifies one of two trace modes
00 Trace every valid transaction
01 Reserved
10 Trace only cycles in which a trace event is detected. Note that if EN and other TBCR0 fields are not
properly programmed to specify a traceable event, tracing occurs for every valid address.
11 Reserved
16–20
—
Reserved
21–23
STRT
Start condition. Specifies the event that arms the trace buffer to start looking for the programmed event.
000 No event. Armed immediately
001 Watchpoint monitor event is detected
010 Trace buffer event is detected
011 Performance monitor signals overflow
100 TRIG_IN transitions from 0 to 1.
101 TRIG_IN transitions from 1 to 0.
110 Current context ID equals programmed context ID
111 Current context ID does not equal programed context ID
24–28
—
Reserved
29–31
STOP
Trace stop mode. Specifies the event that stops the updating of the trace buffer after it has been started.
Trace buffer only stops after it has been triggered at least once.
000 Buffer is full
001 Watchpoint monitor event is detected
010 Trace buffer event is detected
011 Performance monitor signals overflow
100 TRIG_IN transitions from 0 to 1.
101 TRIG_IN transitions from 1 to 0.
110 Current context ID equals programmed context ID
111 Current context ID does not equal programed context ID
0
4
5
7
8
9
10 11
15 16
26 27
31
R 0
0
0
0
0
IFSEL
0
0
0
SID
0 0 0 0 0 0 0 0 0 0 0
TID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2044
Figure 20-9. Trace Buffer Control Register 1 (TBCR1)
Table 20-14. TBCR0 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com