Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1126 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1126 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1126 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-20
Freescale Semiconductor
Debug Features and Watchpoint Facility
Table 20-17 describes the TBAMR field.
20.3.2.4 Trace Buffer Transaction Mask Register (TBTMR)
The trace buffer transaction mask register (TBTMR) shown in Figure 20-12 specifies which
transaction types to monitor. Each bit in the TBTMR represents a transaction type on the selected
interface. The transaction associated with any particular bit depends on the interface being
monitored as specified by TBCR1[IFSEL]. Note that the transactions used for defining trace
buffer events are the same as those defined for watchpoint monitor events. Thus, Table 20-12
defines the transaction types associated with each interface. Setting a bit enables a hit when this
transaction is matched (provided all other match criteria are met and TBCR0[TMD] is clear).
Different interfaces support different transaction types, and the same bit may represent different
transaction types depending on the interface.
0
31
R
TBAM
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2054
Figure 20-11. Trace Buffer Address Mask Register (TBAMR)
Table 20-17. TBAMR Field Descriptions
Bits
Name
Description
0–31
TBAM Trace buffer address mask.A value of zero masks the address comparison for the corresponding
address bit.
0
31
R
TBTM
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2058
Figure 20-12. Trace Buffer Transaction Mask Register (TBTMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com