Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1127 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1127 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1127 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-21
Table 20-18 describes the TBTMR field.
20.3.2.5 Trace Buffer Status Register (TBSR)
The trace buffer status register (TBSR) shown in Figure 20-13 indicates the operational state of
the trace buffer.
Table 20-19 describes the TBSR fields.
Table 20-18. TBTMR Field Descriptions
Bits
Name
Description
0–31
TBTM Trace buffer transaction mask. Each bit corresponds to a transaction type as defined in Table 20-12. The
transaction associated with a bit depends on the interface being monitored. A value of 1 for a given mask
bit enables the matching of the transaction associated with that bit. These bits are meaningful only when
TBCR0[TMD]=0.
012
3
4
23 24
31
R
ACT TRIG STP WRAP
0
0
0 0 0 0 0 0
0
0
0 0 0 0 0 0 0 0 0 0
C_INDX
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_205C
Figure 20-13. Trace Buffer Status Register (TBSR)
Table 20-19. TBSR Field Descriptions
Bits
Name
Description
0
ACT
Active. Indicates trace buffer activity
0 The start triggering event has not yet occurred. Trace buffer is not armed
1 The start triggering event has occurred. Trace buffer is armed.
1
TRIG
Triggered. Indicates whether or not a programmed event has been triggered
0 The programmed event in TBCR0 has not yet been triggered.
1 The programmed event in TBCR0 has been triggered at least once.
2
STP
Stopped. Indicates whether or not a trace buffer stop condition has been detected.
0 No stop condition yet detected
1 The trace buffer has detected a stop condition and is no longer capturing events.
3
WRAP
Wrapped. Indicates that the trace buffer write pointer has wrapped to the beginning of the buffer at
least once. Set when the last entry of the trace buffer is written
0 Pointer has not yet wrapped
1 Pointer has wrapped to the beginning at least once
4–23
—
Reserved
24–31 C_INDX Current index. Represents the current value of the write pointer at the time TBSR was read. This
value may be written by software to initialize the write pointer; however, software is not allowed to
write the write pointer while the trace buffer is active. Writes are ignored while the trace buffer is
active. It is recommended to write the status register before enabling the trace buffer in order to zero
out any bits that might have been set during a prior run and to initialize the write pointer to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com