Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1131 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1131 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1131 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-25
Table 20-24 describes the CCIDR field.
20.3.4 Trigger Out Function
TRIG_OUT provides a convenient mechanism for triggering external system monitors and
diagnostic equipment such as logic analyzers. Note that READY is multiplexed with TRIG_OUT.
See the last paragraph of Section 4.4.2, “Power-On Reset Sequence,” for more information about
READY functionality.
When the trace buffer hit is selected by TOSR[SEL], TRIG_OUT is only meaningful if the trace
buffer control register 0 (TBCR0) is properly configured to hit on a traceable event. The same
holds true for the watchpoint monitor when the watchpoint monitor is selected by TOSR[SEL].
20.3.4.1 Trigger Out Source Register (TOSR)
The trigger out source register (TOSR) shown in Figure 20-19 specifies the source for
TRIG_OUT. The three event-trigger sources are the following:
•
The watchpoint monitor
•
The trace buffer
•
The performance monitor
Table 20-24. CCIDR Field Descriptions
Bits
Name
Description
0–31
CCID Current context ID. Set by user software. Typically loaded immediately following a context switch.
Compared with user-programmed context ID for context-sensitive event triggering.
04
5
7
8
30
31
R 0
0
0
0
0
SEL
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SYNC
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_20B0
Figure 20-19. Trigger Out Source Register (TOSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com