Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1134 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1134 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1134 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-28
Freescale Semiconductor
Debug Features and Watchpoint Facility
20.4.3 DDR SDRAM Interface Debug
The DDR interface has two debug modes distinguished by which pins drive the debug
information. In one mode, debug information (source ID, data valid) is multiplexed onto the ECC
pins; the other mode uses the debug pins.
20.4.3.1 Debug Information on Debug Pins
If MSRCID0 is high when sampled during POR, the debug information from the DDR SDRAM
interface is driven on MSRCID[0:4] and MDVAL. This POR value is captured in
PORDBGMSR[MEM_SEL] as described in Section 18.4.1.5, “POR Debug Mode Status Register
(PORDBGMSR).” In this mode, the source ID appears on MSRCID[0:4] during a RAS or CAS
cycle. During any other cycle, the value of MSRCID[0:4] is all ones, which indicates idle cycles
on the address/command interface. Similarly, MDVAL is asserted during valid data cycles on the
DDR interface.
20.4.3.2 Debug Information on ECC Pins
If MSRCID1 is low when sampled during POR, debug information from the DDR SDRAM
interface is selected to appear on MECC[0:5] as shown in Figure 20-1. In this mode, the ID value
of the source port, (the source ID), appears on MECC[0:4] during a RAS or CAS cycle. During
any other cycle the value of MECC[0:4] is all ones. A data-valid signal (DVAL) is driven on
MECC5 during valid DDR SDRAM data cycles.
NOTE
In this mode, MECC[0:5] must be disconnected from all SDRAM
devices to prevent contention on those lines.
20.4.4 Local Bus Interface Debug
If MSRCID0 is low when sampled during POR, the LBC is selected as the source for the debug
information appearing on MSRCID[0:4] and MDVAL. For more information on this mode, see
Section 13.1.3.2, “Source ID Debug Mode.”
20.4.5 Watchpoint Monitor
The watchpoint monitor (WM) can be programmed to arm and trigger on many different events
including any of the following:
•
External event (through TRIG_IN)
•
A trace buffer event
•
A performance monitor overflow event
•
A comparison of the current and programmed context ID registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com