Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1137 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1137 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1137 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-31
Figure 20-21 shows the trace buffer entry format for the DDR SDRAM interface,
TBCR1[IFSEL] = 001.
Table 20-28 describes the fields of DDR SDRAM trace buffer entries when
TBCR1[IFSEL] = 001.
14–18
CMDBC
Byte count. Range: 32 to 1 where a value of 0 indicates 32 bytes.
00000 32 bytes
00001 1 byte
00010 2 bytes
·· ·
11110 30 bytes
11111 31 bytes
19–31
—
Reserved
32–63
CMDADDR
Address bits 0–31
0
4
5
9
10
13 14
18 19
31 32
63
R
DDRTT
DDRSID
—
DDRBC
—
DDRADDR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Figure 20-21. DDR Trace Buffer Entry
Table 20-28. DDR Trace Buffer Entry Field Descriptions
(TBCR1[IFSEL] = 001)
Bits
Name
Function
0–4
DDRTT
Transaction type. Specifies the transaction type as shown in Table 20-12. For example, a value
of all zeros maps to write.
5–9
DDRSID
Source ID. Specifies the source of the transaction as shown in Table 20-26. For example, a
value of 01100 indicates that RapidIO is the transaction source, and so on.
10–13
—
Reserved
14–18
DDRBC
Byte count
19–31
—
Reserved
32–63
DDRADDR
Address bits 0–31
Table 20-27. CMD Trace Buffer Entry Field Descriptions
(TBCR1[IFSEL] = 000) (continued)
Bits
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com