Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1139 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1139 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1139 / 1302 page
background image
Initialization
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-33
20.5 Initialization
Configuring the appropriate control register must be the last step in the initialization sequence for
either the watchpoint or trace buffer. That is, all required registers except the corresponding
control register must be configured before any control register bits that enable watchpoint or trace
events are set.
10–13
—
Reserved
14–18
RIODWC
Double-word count. This number times eight equals the byte count.
19–32
—
Reserved
33–63
RIOADDR
Address bits 0–30. Represents a double-word address on RapidIO
Table 20-30. RapidIO Trace Buffer Entry Field Descriptions
(TBCR1[IFSEL] = 011) (continued)
Bits
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com