| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1142 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1142 Page - Freescale Semiconductor, Inc |
|
1142 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 21-2 Freescale Semiconductor 10/100 Fast Ethernet Controller Ethernet provides the following sublayers: • Media access control (MAC) sublayer—The MAC sublayer provides a logical connection between the MAC and its peer station. Its primary responsibility is to initialize, control, and manage the connection with the peer station. • Reconciliation sublayer—The reconciliation sublayer acts as a command translator. It maps the terminology and commands used in the MAC layer into electrical formats appropriate for the physical layer entities. • MII (media-independent interface) sublayer—The MII sublayer provides a standard interface between the MAC layer and the physical layer for 10/100 Mbps operation. It isolates the MAC layer and the physical layer, enabling the MAC layer to be used with various implementations of the physical layer. • PCS (physical coding sublayer)—The PCS sublayer is responsible for encoding and decoding data stream to and from the MAC sublayer. • PMA (physical medium attachment) sublayer—The PMA sublayer is responsible for serializing code groups into a bit stream suitable for serial bit-oriented physical devices(SERDES) and vice versa. Synchronization is also performed for proper data decoding in this sublayer. The PMA sits between the PCS and the PMD sublayers. • PMD (physical medium dependent) sublayer—The PMD sublayer is responsible for signal transmission. The typical PMD functionality includes amplifier, modulation, and wave shaping. Different PMD devices may support different media. • MDI (medium-dependent interface) sublayer—MDI is a connector. It defines different connector types for different physical media and PMD devices. Ethernet/IEEE 802.3 frames are based on the frame structure shown in Figure 21-2. The term “packet” is sometimes used to refer to the frame plus the preamble and start frame delimiter (SFD). Figure 21-2. Ethernet/IEEE 802.3 Frame Structure The elements of an Ethernet frame are as follows: • Preamble—The 7-byte preamble of alternating ones and zeros used for receiver timing synchronization (each byte containing the value 0x55) • Start frame delimiter (SFD)—A sequence of 0xD5 (10101011 because the bit ordering is lsb first) indicates the beginning of the frame Start frame delimiter Preamble Data Destination address Source address Type/ Length 6 bytes 1 byte 7 bytes 2 bytes 6 bytes 46–1500 bytes 4 bytes Frame check sequence Frame length is 64–1518 bytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |