Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1146 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1146 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1146 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-6
Freescale Semiconductor
10/100 Fast Ethernet Controller
The most-significant byte of data in a receive or transmit data buffer corresponds to the
most-significant byte of a frame, respectively.
The complete FEC is designed for single MAC applications. The FEC supports the 10/100 Mbps
MII interface to connect to an external Ethernet transceiver.
The FEC software programming model is similar to the MPC8260 (PowerQUICC II) device.
Hence, it enables Freescale Semiconductor customers to leverage already implemented Ethernet
drivers, reducing the software development cycle.
21.2 Features
The MPC8540 FEC includes these distinctive features:
•
IEEE 802.3, 802.3u, 802.3x, 802.3ac compliant
•
Support for different Ethernet physical interfaces:
— 10/100 Mbps IEEE 802.3 MII
— 10 Mbps IEEE 802.3 MII
•
Full- and half-duplex support
•
IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or software
programmed PAUSE frame generation and recognition)
•
Support for out-of-sequence transmit queue (for initiating flow control)
•
Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and
IEEE 802.1 virtual local area network (VLAN) frames
•
Retransmission from transmit FIFO following a collision
•
Support for CRC generation and verification of inbound/outbound packets
•
Address recognition
— Each exact match can be programmed to be accepted or rejected
— Broadcast address (accept/reject)
— Exact match 48-bit individual (unicast) address
— Hash (256-bit hash) check of individual (unicast) addresses
— Hash (256-bit hash) check of group (multicast) addresses
— Promiscuous mode
•
Extraction data and its associated buffer descriptors can be directed to processor’s L2 cache
to reduce access latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com