Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1150 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1150 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1150 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-10
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-2 defines the top-level memory map.
21.5.2 Detailed Memory Map
Table 21-3 shows the address of each register, the name of the register, and a cross-reference to the
complete description of the register.
Table 21-2. Module Memory Map Summary
Address
Function
000–0FF
FEC general control/status registers
100–2FF
FEC transmit control/status registers
300–4FF
FEC receive control/status registers
500–5FF
FEC MAC registers
600–7FF
Reserved
800–8FF
FEC HASH function registers
900–AFF
Reserved
B00–BFF
FEC attribute registers
C00–FFF
Future expansion space
Table 21-3. Module Memory Map
Offset
Name
Access 1
Reset
Section/Page
FEC General Control and Status Registers
0x2_6000–
0x2_600C
Reserved
R
0x0000_0000
—
0x2_6010
IEVENT—Interrupt event register
R
0x0000_0000
21.5.3.1.1/21-13
0x2_6014
IMASK—Interrupt mask register
R/W
0x0000_0000
21.5.3.1.2/21-16
0x2_6018
EDIS—Error disabled register
R/W
0x0000_0000
21.5.3.1.3/21-18
0x2_601C–
0x2_6020
Reserved
R
0x0000_0000
—
0x2_6024
MINFLR—Minimum frame length register
R/W
0x0000_0040
21.5.3.1.4/21-18
0x2_6028
PTV—Pause time value register
R/W
0x0000_0000
21.5.3.1.5/21-19
0x2_602C
DMACTRL—DMA control register
R/W
0x0000_0000
21.5.3.1.6/21-20
0x2_6030–
0x2_6088
Reserved
R
0x0000_0000
—
FEC FIFO Control and Status Registers
0x2_604C
FIFO_PAUSE_CTRL—FIFO pause control register
R/W
0x0000_0000
21.5.3.2.1/21-22
0x2_608C
FIFO_TX_THR—FIFO transmit threshold register
R/W
0x0000_0080
21.5.3.2.2/21-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com