Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1153 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1153 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1153 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-13
21.5.3 Memory-Mapped Register Descriptions
This section provides a detailed description of the FEC registers. Because all of these registers are
32 bits wide, only 32-bit register accesses are supported.
21.5.3.1 FEC General Control and Status Registers
This section describes general control and status registers used for both transmitting and receiving
Ethernet frames. All of the registers are 32 bits wide.
21.5.3.1.1 Interrupt Event Register (IEVENT)
If an event occurs that sets a bit in the interrupt event (IEVENT) register, shown in Figure 21-5,
an interrupt is generated if the corresponding bit in the interrupt enable register (IMASK) is also
set. The bit in the interrupt event register is cleared if a 1 is written to that bit position. A write of
0 has no effect.
0x2_6880
GADDR0—Group address register 0
R/W
0x0000_0000
21.5.3.7.2/21-46
0x2_6884
GADDR1—Group address register 1
R/W
0x0000_0000
0x2_6888
GADDR2—Group address register 2
R/W
0x0000_0000
0x2_688C
GADDR3—Group address register 3
R/W
0x0000_0000
0x2_6890
GADDR4—Group address register 4
R/W
0x0000_0000
0x2_6894
GADDR5—Group address register 5
R/W
0x0000_0000
0x2_6898
GADDR6—Group address register 6
R/W
0x0000_0000
0x2_689C
GADDR7—Group address register 7
R/W
0x0000_0000
0x2_68A0–
0x2_6AFF
Reserved
R
0x0000_0000
—
FEC Attribute Registers
0x2_6B00–
0x2_6BF4
Reserved
R
0x0000_0000
—
0x2_6BF8
ATTR—Attribute register
R/W
0x0000_0000
21.5.3.8.1/21-46
0x2_6BFC
ATTRELI—Attribute EL & EI register
R/W
0x0000_0000
21.5.3.8.2/21-47
FEC Future Expansion Space
0x2_6C00–
0x2_6FFF
Reserved
R
0x0000_0000
—
1 R = Read Only, W = Write Only, R/W = Read and Write, LH = Latches High, SC = Self-clearing.
Table 21-3. Module Memory Map (continued)
Offset
Name
Access 1
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com