Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1155 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1155 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1155 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-15
3
EBERR Ethernet bus error. This bit indicates that a system bus error occurred while a DMA transaction was
underway. If the EBERR is set while transmission is in progress, the DMA stops sending data to the
Tx FIFO which eventually causes an underrun error (XFUN) and TSTAT[THLT] is set. If the EBERR is
set while receiving a frame, the DMA discards the frame and RSTAT[QHLT] is set.
0 No system bus error occurred.
1 System bus error occurred.
4—
Reserved
5
MSRO
MSTAT register overflow. This interrupt is asserted if the count for one of the MSTAT registers has
exceeded the size of the register.
0 MSTAT count not exceeding register size.
1 MSTAT count exceeds register size.
6
GTSC
Graceful transmit stop complete. This interrupt is asserted following the completion of a graceful stop,
which was intitiated by setting either DMACTRL[GTS] or TCTRL[TFC_PAUSE]. Graceful stop means
that the transmitter is put into a pause state after completion of the frame currently being transmitted.
0 No graceful stop interrupt.
1 Graceful stop requested.
7
BABT
Babbling transmit error. This bit indicates that the transmitted frame length has exceeded the value in
the MAC’s Maximum Frame Length register and MACCFG2[Huge Frame] is cleared. Frame truncation
occurs when this condition occurs. TxBD[TXTRUNC] is set in the last TxBD (TxBD[L] is set) of the
frame.
0 Transmitted frame length not exceeding maximum frame length.
1 Transmitted frame length exceeding maximum frame length.
8
TXC
Transmit control interrupt. This bit indicates that a control frame was transmitted.
0 Control frame not transmitted.
1 Control frame transmitted.
9
TXE
Transmit error. Indicates that an error occurred on the transmitted channel that caused TSTAT[THLT]
to be set by the FEC. This bit is set whenever any transmit error occurs that causes the transmitter to
halt (EBERR, LC, CRL/XDA, XFUN). It is not set if DMACTRL[WOP] is set and the FEC runs out of
TxBDs to process. In order to begin transmitting packets again, the user must clear TSTAT[THLT].
0 No transmit channel error occurred.
1 Transmit channel error occurred.
10
TXB
Transmit buffer. Indicates that a transmit buffer descriptor was updated whose I (Interrupt) bit was set
in its status word and was not the last buffer descriptor of the frame.
0 No transmit buffer descriptor updated.
1 Transmit buffer descriptor updated.
11
TXF
Transmit frame interrupt. Indicates that a frame was transmitted and that the last corresponding
transmit buffer descriptor (TxBD) was updated. This only occurs if the I (Interrupt) bit in the status word
of the buffer descriptor is set.
0 No frame transmitted/TxBD not updated.
1 Frame transmitted/TxBD updated.
12
—
Reserved
13
LC
Late collision. This bit indicates that a collision occurred beyond the collision window (slot time) in
half-duplex mode. The frame is truncated with a bad CRC and the remainder of the frame is discarded.
0 No late collision occurred.
1 Late collision occurred.
Table 21-4. IEVENT Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com