Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1159 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1159 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1159 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-19
Table 21-7 describes the fields of the MINFLR register.
21.5.3.1.5 Pause Time Value Register (PTV)
PTV, shown in Figure 21-9, is written by the user to store the pause duration used when the FEC
initiates a pause frame through TCTRL[TFC_PAUSE]. The low-order 16 bits (PT) represent the
pause time and the high-order 16 bits (PTE) represent the extended pause control parameter. The
pause time is measured in units of pause_quanta, equal to 512 bit times. The pause time can range
from 0 to 65,535 pause_quanta, or 0 to 33,553,920 bit times. See Section 21.6.2.6, “Flow
Control,” for additional details.
Table 21-7. MINFLR Field Descriptions
Bits
Name
Description
0–24
—
Reserved
25–31 MINFLR Minimum receive frame length (typically 64 decimal, which is the maximum). Ethernet discards
incoming frames shorter than MINFLR unless RCTRL[RSF] (receive short frames) is set, in which
case RxBD[SH] (frame too short) is set in the last RxBD. Unlike the MPC8260, in which pads are
added to make the transmit frame equal to MINFLR bytes, if padding is requested, the FEC always
pads transmit frames to 64 bytes ignoring MINFLR. MINFLR is only used to determine the minimum
size of acceptable receive frames.
015 16
31
R
PTE
PT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6028
Figure 21-9. PTV Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com