Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1156 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1156 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1156 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-16
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.5.3.1.2 Interrupt Mask Register (IMASK)
The interrupt mask register, shown in Figure 21-6, provides control over which possible interrupt
events are allowed to generate an actual interrupt. All implemented bits in this CSR are R/W. This
register is cleared upon a hardware reset. If the corresponding bits in both the IEVENT and
IMASK registers are set, an interrupt is generated. The interrupt signal can be cleared by clearing
the corresponding IEVENT bit.
14
CRL/
XDA
Collision retry limit/excessive defer abort. Indicates either one of two conditions occurred while
attempting to transmit a frame: 1) the number of successive transmission collisions has exceeded the
MAC’s HAFDUP[Retransmission Maximum] count or 2) an excessive defer abort condition has
occurred. An excessive defer abort condition occurs when the TSEC waits more than 3036 bytes while
attempting to send a frame and HAFDUP[EXCESS_DEFER] is 0. The TxBD[DEF] or OSTBD[DEF] is
also set. In either case the frame is discarded without being transmitted and the TSEC is halted
(TSTAT[THLT] is set). The CRL or XDA condition can only occur while in half-duplex mode.
0 Successive transmission collisions do not exceed maximum and no excessive defer abort condition
has occurred.
1 Successive transmission collisions exceed maximum or an excessive defer abort condition has
occurred.
15
XFUN
Transmit FIFO underrun. Indicates that the transmit FIFO became empty before the complete frame
was transmitted.
0 Transmit FIFO not underrun.
1 Transmit FIFO underrun.
16
RXB
Receive buffer. Indicates that a receive buffer descriptor was updated which had the I (Interrupt) bit set
in its status word and was not the last buffer descriptor of the frame.
0 Receive buffer descriptor not updated.
1 Receiver buffer descriptor updated.
17–22
—
Reserved
23
GRSC
Graceful receive stop complete. This interrupt is asserted if a graceful receive stop is completed. It
allows the user to know if the system has completed the stop and it is safe to write to receive registers
(status, control or configuration registers) that are used by the system during normal operation.
0 Graceful stop not completed.
1 Graceful stop completed.
24
RXF
Receive frame interrupt. The last receive buffer descriptor (RxBD) of a frame was updated. This occurs
only if the I (interrupt) bit in the buffer descriptor status word is set.
0 Frame not received.
1 Frame received.
25–31
—
Reserved
Table 21-4. IEVENT Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com