Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1154 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1154 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1154 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-14
Freescale Semiconductor
10/100 Fast Ethernet Controller
These interrupts can be divided into operational interrupts, transceiver/network error interrupts,
and internal error interrupts. Interrupts that may occur in normal operation are:
•
GTSC, GRSC, TXF, TXB, TXC, RXF, RXB, RXC, and MSRO
Interrupts resulting from errors/problems detected in the network or transceiver are:
•
BABR, BABT, LC, and CRL/XDA
Interrupts resulting from internal errors are:
•
EBERR, XFUN, and BSY
Table 21-4 describes the fields of the IEVENT register.
0
1
2
3
4
5
678
9
10
11
12
13
14
15
R
BABR RXC
BSY EBERR
0
MSRO GTSC BABT
TXC
TXE
TXB
TXF
0
LC
CRL/
XDA
XFUN
W
Reset
0000_0000_0000_0000
16
17
22
23
24
25
31
R
RXB
00
0
0
0
0
GRSC RXF
00
0
0
0
0
0
W
Reset
0000_0000_0000_0000
Offset
0x2_6010
Figure 21-5. IEVENT Register Definition
Table 21-4. IEVENT Field Descriptions
Bits
Name
Description
0
BABR
Babbling receive error. This bit indicates that a frame was received with length in excess of the MAC’s
maximum frame length register while MACCFG2[Huge Frame] is set.
0 Excessive frame not received
1 Excessive frame received
1
RXC
Receive control interrupt. A control frame was received. If MACCFG1[Rx_Flow] is set, a pause
operation is performed lasting for the duration specified in the received pause control frame and
beginning when the frame was received.
0 Control frame not received
1 Control frame received
2
BSY
Busy condition interrupt. Indicates that a frame was received and discarded due to a lack of buffers.
When IEVENT[BSY] is set RSTAT[QHLT] is also set. In order to begin receiving packets again, the user
must clear RSTAT[QHLT]. This bit and RSTAT[QHLT] are set whenever the FEC reads an RxBD with
its Empty field cleared.
0 No frame received and discarded.
1 Frame received and discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com