Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1158 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1158 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1158 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-18
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.5.3.1.3 Error Disabled Register (EDIS)
The error disabled register allows the user to control the reporting of errors by the FEC. The
IEVENT bit corresponding to an error is not set if the error is disabled in the EDIS register.
Figure 21-7 shows the EDIS register.
Table 21-6 describes the fields of the EDIS register.
21.5.3.1.4 Minimum Frame Length Register (MINFLR)
MINFLR, shown in Figure 21-8, is written by the user and tells the FEC the smallest packet to
accept and place in a receive buffer pointed to by the RxBD.
01
2
3
4
12
13
14
15
R0
0
BSYDIS
EBERRDIS
00
0
0
0
0
0
0
0
LCDIS
00
W
Reset
0000_0000_0000_0000
16
31
R0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000
Offset
0x2_6018
Figure 21-7. EDIS Register Definition
Table 21-6. EDIS Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2
BSYDIS
Busy disabled
3
EBERRDIS
Ethernet controller bus error disabled
4–12
—
Reserved
13
LCDIS
Late collision disabled
14–31
—
Reserved
0
24 25
31
R 0000000
0000000
00000000
000
MINFLR
W
Reset
0000_0000_0000_0000_0000_0000_0100_0000
Offset
0x2_6024
Figure 21-8. MINFLR Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com