Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1157 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1157 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1157 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-17
Table 21-5 describes the fields of the IMASK register.
012
3
4
5
6
7
8
9
10
11
12
13
14
15
R
BREN RXCEN BSYEN EBERREN
0
MSROEN GTSCEN
BTEN
TXCEN TXEEN TXBEN TXFEN
0
LCEN
CRL/
XDAEN
XFUNEN
W
Reset
0000_0000_0000_0000
16
17
22
23
24
25
31
R
RXBEN
00
0
0
0
0
GRSCEN RXFEN
00
0
0
0
0
0
W
Reset
0000_0000_0000_0000
Offset
0x2_6014
Figure 21-6. IMASK Register Definition
Table 21-5. IMASK Field Descriptions
Bits
Name
Description
0
BREN
Babbling receiver interrupt enable
1
RXCEN
Receive control interrupt enable
2
BSYEN
Busy interrupt enable
3
EBERREN
Ethernet controller bus error enable
4—
Reserved
5
MSROEN
MSTAT register overflow interrupt enable
6
GTSCEN
Graceful transmit stop complete interrupt enable
7
BTEN
Babbling transmitter interrupt enable
8
TXCEN
Transmit control interrupt enable
9
TXEEN
Transmit error interrupt enable
10
TXBEN
Transmit buffer interrupt enable
11
TXFEN
Transmit frame interrupt enable
12
—
Reserved
13
LCEN
Late collision enable
14
CRL/XDAEN
Collision retry limit / excessive defer abort enable
15
XFUNEN
Transmit FIFO underrun enable
16
RXBEN
Receive buffer interrupt enable
17–22
—
Reserved
23
GRSCEN
Graceful receive stop complete interrupt enable
24
RXFEN
Receive frame interrupt enable
25–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com