Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1163 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1163 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1163 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-23
21.5.3.2.2 FIFO Transmit Threshold Register (FIFO_TX_THR)
The purpose of the threshold register is to trigger the unloading of FIFO data to the PHY. It
represents the numerical SRAM entry (0-255 for a 1-Kbyte FIFO) to trigger the threshold function.
If the used entry count is equal to or greater than the threshold register, then transmission can
begin. This register is read/write by software. This register is initialized to
0000_0000_0000_0000_0000_0000_1000_0000 at system reset. Figure 21-12 describes the
definition for the FIFO_TX_THR register.
Table 21-10. FIFO_PAUSE_CTRL Field Descriptions
Bits
Name
Description
0–29
—
Reserved.
30
TFC_PAUSE_EN
TFC_PAUSE enable. This bit enables the ability to transmit a pause control frame by setting the
TCTRL[TFC_PAUSE] bit. This bit is cleared at reset.
0 Pause control frame transmission disabled.
1 Pause control frame transmission enabled.
31
—
Reserved.
015 16
23 24
31
R 0
0
0
0
0
0
000
00
000
00
000
00
00
0
FIFO_TX_THR
W
Reset
0000_0000_0000_0000_0000_0000_1000_0000
Offset
0x2_608C
Figure 21-12. FIFO_TX_THR Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com