Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1167 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1167 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1167 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-27
Table 21-15 describes the fields of the TSTAT register.
21.5.3.3.3 TxBD Data Length Register (TBDLEN)
TBDLEN is a DMA register that contains the number of bytes remaining in the current transmit
buffer. Figure 21-17 describes the definition for the TBDLEN register.
Table 21-16 describes the fields of the TBDLEN register.
21.5.3.3.4 Current Transmit Buffer Descriptor Pointer Register (CTBPTR)
CTBPTR, shown in Figure 21-18, contains the address of the transmit buffer descriptor either
currently being processed, or processed most recently.
Table 21-15. TSTAT Field Descriptions
Bit
Name
Description
0
THLT
Transmit halt
0 No hardware initiated transmission halt.
1 FEC transmission function halted. Set by the FEC to inform the user that it is no longer
processing transmit frames and the transmit DMA function is disabled by hardware. To re-start
the transmission function, the user must clear this bit by writing a one.
1–31
—
Reserved
015 16
31
R 0
000
00
00
000
00
00
0
TBDLEN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_610C
Figure 21-17. TBDLEN Register Definition
Table 21-16. TBDLEN Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 TBDLEN Internally written by the DMA module. The transmit channel remains active until TBDLEN is 0.
0
28 29
31
RCTBPTR
0
0
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6124
Figure 21-18. CTBPTR Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com