Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1168 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1168 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1168 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-28
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-17 describes the fields of the CTBPTR register.
21.5.3.3.5 Transmit Buffer Descriptor Pointer Register (TBPTR)
TBPTR contains the low-order 32 bits of the next transmit buffer descriptor address. Figure 21-19
describes the definition for the TBPTR register. This register takes on the value of TBASE when
the TBASE register is written by software.
Table 21-18 describes the fields of the TBPTR register.
21.5.3.3.6 Transmit Descriptor Base Address Register (TBASE)
The TBASE register is written by the user with the TxDB base address. The value must be
divisible by eight for the 8-byte data buffer descriptors. Figure 21-20 describes the definition for
the TBASE register.
Table 21-17. CTBPTR Field Descriptions
Bits
Name
Description
0–28
CTBPTR
Internally written by the DMA module. The value increments by eight (bytes) each time a descriptor
is read from memory.
29–31
—
Reserved
0
28 29
31
R
TBPTR
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6184
Figure 21-19. TBPTR Register Definition
Table 21-18. TBPTR Field Descriptions
Bit
Name
Description
0–28
TBPTR
Internally written by the DMA module. The value increments by eight (bytes) each time a
descriptor is read from memory.
29–31
—
Reserved
0
28 29
31
R
TBASE
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6204
Figure 21-20. TBASE Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com