Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1171 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1171 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1171 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-31
21.5.3.3.8 Out-of-Sequence Tx Data Buffer Pointer Register (OSTBDP)
The out-of-sequence Tx data buffer pointer register (OSTBDP), shown in Figure 21-22, is written
by the user and contains the data buffer pointer fields in the same format as a regular TxBD and,
together with OSTBD, provides the complete 8-byte descriptor. This area must be cleared while
not in use.
Table 21-21 describes the field of the OSTBDP register.
21.5.3.4 FEC Receive Control and Status Registers
This section describes the control and status registers that are used specifically for receiving
Ethernet frames. All of the registers are 32 bits wide.
21.5.3.4.1 Receive Control Register (RCTRL)
The RCTRL, shown in Figure 21-23, controls the operational mode of the receive block. It must
be written only after a system reset (at initialization) or if DMACTRL[GRS] is zero.
0
15
R
OSTBDP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_62B4
Figure 21-22. OSTBDP Register Definition
Table 21-21. OSTBDP Field Descriptions
Bita
Name
Description
0–31
OSTDBP
Out-of-sequence Tx data buffer pointer. Written by user. The Tx data buffer pointer contains the
address of the associated data buffer. There are no alignment requirements for this address.
015 16
26
27
28
29
30 31
R 0 0 000 000 000 000 0 0 0 0 0 0
0
0 00 0
0
0
BC_REJ PROM RSF
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6300
Figure 21-23. RCTRL Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com