Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1172 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1172 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1172 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-32
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-22 describes the fields of the RCTRL register.
21.5.3.4.2 Receive Status Register (RSTAT)
The FEC writes to this register under the following conditions:
•
The receiver runs out of descriptors.
•
The receiver was halted because an error condition was encountered while receiving a
frame.
Software must clear the QHLT bit to take the FEC’s receiver function out of a halt state.
Figure 21-24 describes the definition for the RSTAT register.
Table 21-22. RCTRL Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27
BC_REJ
Broadcast frame reject. If this bit is set, frames with DA
(destination address) = 0xFFFF_FFFF_FFFF are rejected unless RCTRL[PROM] is set. If both
BC_REJ and PROM are set, then frames with broadcast DA are accepted and the M (MISS) bit
is set in the receive BD.
0 Broadcast frame reject is disabled.
1 Broadcast frame reject is enabled.
28
PROM
Promiscuous mode. When set, all frames except pause frames are accepted.
0 Promiscuous mode is disabled.
1 Promiscuous mode is enabled.
29
RSF
Receive short frame mode. When set, enables the reception of frames shorter than MINFLR
bytes. Note that in order for short frames to be received when RSF is set, a DA hit must occur.
When RSF is cleared, all frames shorter than MINFLR are automatically rejected.
0 Receive short frame mode is disabled.
1 Receive short frame mode is enabled.
30–31
—
Reserved
07
8
9
31
R 0
000 0000
QHLT
0
0
0
000 0000 0000 0000 00000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6304
Figure 21-24. RSTAT Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com