Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1169 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1169 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1169 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-29
Table 21-19 describes the fields of the TBASE register.
21.5.3.3.7 Out-of-Sequence TxBD Register (OSTBD)
The out-of-sequence TxBD register (OSTBD), shown in Figure 21-21, includes the status/control
and data length in the same format as a regular TxBD. It is useful for sending flow control frames.
The OSTBD[R] is always checked between frames. If it is not ready, a regular frame is sent. If a
flow control frame is sent and OSTBD[I] is set, a TXC event is generated after frame transmission.
This area must be cleared while not in use. Once the TSEC is in paused mode the out-of-sequence
buffer descriptor cannot be used to send another flow control frame because the MAC regards it
as a regular TxBD.
Table 21-20 describes the fields of the OSTBD register.
Table 21-19. TBASE Field Descriptions
Bits
Name
Description
0–28
TBASE
Transmit base. Defines the starting location in the memory map for the FEC TxBDs. This field must
be 8-byte aligned. Together with setting the W (wrap) bit in the last BD, the user can select how
many BDs to allocate for the transmit packets. The user must initialize TBASE before enabling the
FEC transmit function.
29–31
—
Reserved
0
1
2
3 4
5
6
7
8
9
10
13
14
15
16
31
R
R PAD/CRC W I
L
TC DEF TO1 HFE/LC RL
RC
UN
0
OSTBDLEN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_62B0
Figure 21-21. OSTBD Register Definition
Table 21-20. OSTBD Field Descriptions
Bits
Name
Description
0
R
Ready. Written by both the FEC and the user.
0 The data buffer associated with this BD is not ready for transmission. The user is free to
manipulate this BD or its associated data buffer. The FEC clears this bit after the buffer was
transmitted or after an error condition is encountered.
1 The data buffer, prepared for transmission by the user, was not transmitted or is currently being
transmitted. No fields of this BD may be written by the user once this bit is set.
1
PAD/CRC
Padding and CRC attachment for short frames. (Valid only when MACCFG2[PAD/CRC] is
cleared, and MACCFG2[CRC EN] is cleared.) If MACCFG2[PAD/CRC] is set, pads are added to
all short frames, however, this bit is ignored.
0 Do not add pads to short frames unless OSTBD[TC] is set.
1 Add pads to short frames. Pad bytes are inserted until the length of the transmitted frame
equals 64 bytes. Unlike the MPC8260 which pads up to MINFLR value, FEC always pads up
to the IEEE minimum frame length of 64 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com