Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1166 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1166 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1166 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-26
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-14 describes the fields of the TCTRL register.
21.5.3.3.2 Transmit Status Register (TSTAT)
This register is written by the FEC to convey DMA status information. Figure 21-16 describes the
definition for the TSTAT register.
Table 21-14. TCTRL Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20
THDF
Transmit half-duplex flow control. Written by user. This bit is not self-resetting.
0 Disable back pressure.
1 Back pressure is applied to media.
21–26
—
Reserved
27
RFC_PAUSE Receive flow control pause frame. Written by the FEC. This read-only status bit is set if a flow
control pause frame was received and the transmitter is paused for the duration defined in
the received pause frame. This bit automatically clears after the pause duration is complete.
0 Pause duration complete.
1 Pause duration in progress.
28
TFC_PAUSE Transmit flow control pause frame. Use this bit to transmit a PAUSE frame. To transmit a flow
control pause frame, first set FIFO_PAUSE_CTRL[TFC_PAUSE_EN]. Next, set
MACCFG1[GTS]. If TFC_PAUSE is then set, the MAC stops transmission of data frames
after the current transmission completes. The GTSC interrupt in the IEVENT register is
asserted. With transmission of data frames stopped, the MAC transmits a MAC control
PAUSE frame with the duration value obtained from the PTV register. The TXC interrupt
occurs after sending the control pause frame. Next, the MAC clears TFC_PAUSE and
resumes transmitting data frames. Note that if the transmitter is paused due to user assertion
of GTS or reception of a PAUSE frame, the MAC may still transmit a MAC control PAUSE
frame.
0 No outstanding pause frame transmission request.
1 Pause frame transmission requested.
29–31
—
Reserved
01
31
R
THLT
0
0000000 0000000 00000000 0000000
0
W
Reset:
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6104
Figure 21-16. TSTAT Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com