Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1170 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1170 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1170 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-30
Freescale Semiconductor
10/100 Fast Ethernet Controller
2
W
Wrap. Written by user. This bit is ignored by FEC.
3
I
Interrupt. Written by user.
0 No interrupt is generated after this buffer is serviced.
1 IEVENT[TXF] is set after this buffer is serviced. Setting this bit can cause an interrupt if
IMASK[TXFEN] is enabled.
4
L
Last in frame. (The OSTBD is always the last in the frame, so L is always set).
Hardwired to a value of 1.
5
TC
Tx CRC. Written by user. (Valid only while it is set in the first BD and OSTBD[PAD/CRC] is
cleared, MACCFG2[PAD/CRC] is cleared, and MACCFG2[CRC EN] is cleared.) If
MACCFG2[PAD/CRC] is set or MACCFG2[CRC EN] is set, a CRC is added to all frames and this
bit is ignored.
0 End transmission immediately after the last data byte, unless TxBD[PAD/CRC] is set.
1 Transmit the CRC sequence after the last data byte.
6
DEF
Defer indication. Written by the FEC.
Hardware updates this bit after transmitting a frame when used as a ‘defer indicator.’
Software/user updates this bit while building a transmit buffer descriptor if used as a ‘hardware
event indicator.’
0 This frame was not deferred.
1 This frame did not have a collision before it was sent but it was sent late because of deferring.
7
TO1
Transmit software ownership. This read/write bit may be utilized by software, as necessary. Its
state does not affect the hardware nor is it affected by the hardware.
8
HFE/LC
Huge frame enable (written by user)/Late collision (written by TSEC)
Huge frame enable. Written by user. Valid only while it is set in first BD and the MACCFG2[Huge
Frame] is cleared. If MACCFG2[Huge Frame] is set, this bit is ignored.
0 Truncate transmit frame if its length is greater than the MAC’s Maximum Frame Length register.
1 Do not truncate the transmit frame.
Late collision. Written by TSEC.
0 No late collision.
1 A collision occurred after 64 bytes are sent. The TSEC terminates the transmission and
updates LC.
9
RL
Retransmission limit. Written by the FEC.
0 Transmission before maximum retry limit is hit.
1 The transmitter failed (maximum retry limit + 1 attempts to successfully send a message due
to repeated collisions). The FEC terminates the transmission and updates RL.
10–13
RC
Retry count. Written by the FEC.
0 The frame is sent correctly the first time.
1 More than zero attempts where needed to send the transmit frame. When this field is 15, 15 or
more retries were needed. The Ethernet controller updates RC after sending the buffer.
14
UN
Underrun. Written by the FEC.
0 No underrun encountered (data was retrieved from external memory in time to send a complete
frame).
1 The Ethernet controller encountered a transmitter underrun condition while sending the
associated buffer. The FEC terminates the transmission and updates UN.
15
—
Reserved
16–31 OSTBDLEN Out-of-sequence TxBD data length. Written by user. Data length is the number of octets the FEC
transmits from this BD’s data buffer. It is never modified by the FEC.
Table 21-20. OSTBD Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com