Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1164 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1164 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1164 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-24
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-11 describes the fields of the FIFO_TX_THR register.
21.5.3.2.3 FIFO Transmit Starve Register (FIFO_TX_STARVE)
The purpose of the starve register is to inform the system of extremely imminent underrun
conditions. It represents the numerical SRAM entry (0–255 for 1-Kbyte FIFO) to trigger the starve
function. If the used entry count in the FIFO is less than or equal to the starve register, a starve
alert is triggered. This triggered condition is used to throttle back the OCN2CU interface at the
e500 coherency module (ECM), to change the Tx transaction priority. This register is read/write
by software. Figure 21-13 describes the definition for the FIFO_TX_STARVE register.
Table 21-12 describes the fields of the FIFO_TX_STARVE register.
21.5.3.2.4 FIFO Transmit Starve Shutoff Register
(FIFO_TX_STARVE_SHUTOFF)
The starve shutoff registers contains the watermark level to be used for coming out of the starve
state. If the starve state is in effect and the number of valid entries in the FIFO becomes greater
than or equal to the value in the FIFO_TX_STARVE_SHUTOFF register, the starve condition
Table 21-11. FIFO_TX_THR Field Descriptions
Bits
Name
Description
0–23
—
Reserved
24–31
FIFO_TX_THR FIFO transmit threshold. Marks the number of entries in the transmit FIFO that when
reached triggers the unloading of frame data into the MAC. If the FIFO Tx used entry count
is equal to or greater than FIFO_TX_THR, frame transmission request is sent to the MAC.
0
23 24
31
R 00000000
000000000000000
0
FIFO_TX_STARVE
W
Reset
0000_0000_0000_0000_0000_0000_0010_0000
Offset
0x2_6098
Figure 21-13. FIFO_TX_STARVE Register Definition
Table 21-12. FIFO_TX_STARVE Field Descriptions
Bits
Name
Description
0–23
—
Reserved
24–31
FIFO_TX_STARVE
FIFO transmit starve. Indicates the value to trigger the transmit starve function. It
triggers once the FIFO transmit used entry count is less than or equal to the FIFO Tx
starve. The starve state turns off when the FIFO Tx used entry count becomes greater
than or equal to the FIFO Tx starve shutoff register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com