Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1165 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1165 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1165 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-25
ends. This register is read/write by software. Figure 21-14 describes the definition for the
FIFO_TX_STARVE_SHUTOFF register.
Table 21-13 describes the fields of the FIFO_TX_STARVE_SHUTOFF register.
21.5.3.3 FEC Transmit Control and Status Registers
This section describes the control and status registers that are used specifically for transmitting
Ethernet frames. All of the registers are 32 bits wide.
21.5.3.3.1 Transmit Control Register (TCTRL)
This register is writable by the user to configure the transmit block. Figure 21-15 describes the
definition for the TCTRL register.
0
23
24
31
R 0 0 0 0 0 0 000 00 000 00 00 000 00
0
FIFO_TX_STARVE_SHUTOFF
W
Reset
0000_0000_0000_0000_0000_0000_1000_0000
Offset
0x2_609C
Figure 21-14. FIFO_TX_STARVE_SHUTOFF Register Definition
Table 21-13. FIFO_TX_STARVE_SHUTOFF Field Descriptions
Bits
Name
Description
0–23
—
Reserved
24–31
FIFO_TX_STARVE_SHUTOFF
FIFO transmit starve shutoff. Indicates the value to use to turn off the
starve state. The starve state turns off when the FIFO Rx used entry count
becomes greater than or equal to the FIFO Rx starve shutoff register.
0
192021
26
27
28
29
31
R 0 000 000 000 000 00 0 0 0 0 0
THDF
0 0 0 0 0 0 RFC_PAUSE
TFC_PAUSE
00 0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6100
Figure 21-15. TCTRL Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com