Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1175 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1175 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1175 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-35
21.5.3.4.6 Receive Buffer Descriptor Pointer Register (RBPTR)
RBPTR, shown in Figure 21-28, contains the receive buffer descriptor address. It takes on the
value of RBASE when the RBASE register is written by software.
Table 21-27 describes the fields of the RBPTR register.
\
21.5.3.4.7 Receive Descriptor Base Address Register (RBASE)
RBASE, shown in Figure 21-29, is written by the user with the RxBD base address and must be
divisible eight for the 8-byte buffer descriptors.
Table 21-28 describes the fields of the RBASE register.
\
0
28 29
31
R
RBPTR
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6384
Figure 21-28. Receive Buffer Descriptor Pointer Definition
Table 21-27. RBPTR Field Descriptions
Bits
Name
Description
0–28
RBPTR
The RBPTR register is internally written by the DMA module. The value increments by eight
(bytes) each time a descriptor is read from memory.
29–31
—
Reserved
0
28 29
31
R
RBASE
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6404
Figure 21-29. RBASE Register Definition
Table 21-28. RBASE Field Descriptions
Bits
Name
Description
0–28
RBASE
Receive base. RBASE defines the starting location in the memory map for the FEC RxBD. This
field must be 8-byte aligned.
29–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com