Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1179 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1179 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1179 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-39
13
Reset_Tx_MC
0 Default
1 Setting this bit puts the PETMC transmit MAC control block in reset. This block
multiplexes data and control frame transfers. It also responds to XOFF PAUSE control
frames.
14
Reset_Rx_Fun
0 Default
1 Setting this bit puts the receive function block in reset. This block performs the receive
frame protocol.
15
Reset_Tx_Fun
0 Default
1 Setting this bit puts the transmit function block in reset. This block performs the frame
transmission protocol.
16–22
—
Reserved
23
Loop_Back
0 Default.
1 Causes the MAC transmit outputs to be looped back to the MAC receive inputs.
24–25
—
Reserved
26
Rx_Flow
0 Default. The receive MAC control ignores PAUSE flow control frames.
1 The receive MAC control can detect and act on PAUSE flow control frames.
27
Tx_Flow
0 Default. The transmit MAC control cannot send flow control frames.
1 The transmit MAC control can send PAUSE flow control frames when requested by the
system.
28
Sync’d_Rx_EN Receive enable synchronized to the receive stream. (Read only)
0 Frame reception is not enabled.
1 Frame reception is enabled.
29
Rx_EN
Receive enable. This bit is cleared by default. If set, prior to clearing this bit, set
DMACTRL[GRS] then confirm subsequent occurrence of the graceful receive stop interrupt
(IEVENT[GRSC] is set).
0 Default. The MAC cannot receive frames from the PHY.
1 The MAC can receive frames from the PHY.
30
Sync’d_Tx_EN
Transmit enable synchronized to the transmit stream. (Read only)
0 Frame transmission is not enabled.
1 Frame transmission is enabled.
31
Tx_EN
Transmit enable. This bit is cleared by default. If set, prior to clearing this bit, set
DMACTRL[GTS] then confirm subsequent occurrence of the graceful transmit stop
interrupt (IEVENT[GTSC] is set).
0 Default. Clearing this bit prevents the transmission of frames.
1 Setting this bit allows the MAC to transmit frames from the system.
Table 21-29. MACCFG1 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com