Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1180 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1180 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1184Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1180 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-40
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.5.3.6.2 MAC Configuration Register 2 (MACCFG2)
The MACCFG2, shown in Figure 21-31, is written by the user.
Table 21-30 describes the fields of the MACCFG2 register.
0
15
R0
0
0
0
0 0
0
0
0 0
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000
16
19
20 21
22
23
24 25
26
27
28
29
30
31
R
Preamble_Length
00
I/F_Mode
00
Huge Frame Length_Check
0
PAD/CRC CRC EN Full_Duplex
W
Reset
0111_0000_0000_0000
Offset
0x2_6504
Figure 21-31. MACCFG2 Register Definition
Table 21-30. MACCFG2 Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–19
Preamble_Length This field determines the length in bytes of the preamble field of the packet. Its default is
0x7. A preamble length of 0 is not supported.
20–21
—
Reserved
22–23
I/F_Mode
Determines the type of interface the MAC is connected to.
00 Reserved
01 Nibble mode (MII)
10 Reserved
11 Reserved
24–25
—
Reserved
26
Huge Frame
0 Default. The MAC limits the length of frames at the MAXIMUM FRAME LENGTH value.
1 Frames longer than the MAXIMUM FRAME LENGTH can be transmitted and received.
27
Length_Check
0 Default. Clear this bit if no length field checking is desired.
1 The MAC checks the frame’s length field to ensure it matches the actual data field
length.
28
—
Reserved
29
PAD/CRC
0 Default. Transmitted short frames are not padded.
1 The MAC pads all transmitted short frames and appends a CRC to every frame whether
or not padding was required.
30
CRC EN
CRC enable
0 Default. Clear if frames presented to the MAC have a valid length and contain a valid
CRC.
1 Causes the MAC to append a CRC on all frames. If the configuration bit PAD/CRC or
the per-packet PAD/CRC is set, CRC EN is ignored.
31
Full_Duplex
0 Default. Clearing this bit configures the MAC to operate in half-duplex mode only.
1 Configures the MAC to operate in full-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com