Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1176 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1176 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1176 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-36
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.5.3.5 MAC Functionality
This section describes the MAC registers and provides a brief overview of some of the
functionality that can be exercised through the use of these registers, particularly those that provide
functionality not explicitly required by the IEEE 802.3 standard. All of the MAC registers are 32
bits wide.
21.5.3.5.1 Configuring the MAC
MAC configuration registers 1 and 2 provide a way to configure the MAC as follows:
•
Adjusting the preamble length – The length of the preamble can be adjusted from the
nominal seven bytes to some other(non-zero) value.
•
Varying pad/CRC combinations – Two different pad/CRC combinations are provided to
handle a variety of system requirements. The most simple are frames that already have a
valid FCS field. In this case, the CRC is checked and reported via the transmit statistics
vector (TSV[51:0]). These options include appending a valid CRC, or padding and then
appending a valid CRC, resulting in a minimum frame of 64 octets. In addition to the
programmable register set, the pad/CRC behavior can be dynamically adjusted on a
per-packet basis.
21.5.3.5.2 Controlling CSMA/CD
The half-duplex register (HAFDUP) controls the carrier-sense multiple access/collision detection
(CSMA/CD) logic. After a packet is sent, the device begins timing the inter-packet gap (IPG) as
programmed in the back-to-back IPG configuration register. The system is then free to begin
another frame transfer.
In full-duplex mode, the carrier sense (FEC_CRS) and collision (FEC_COL) indications from the
PHY are ignored, but in half-duplex mode, the FEC defers to FEC_CRS and, following a carrier
event, times the IPG using the non–back-to-back IPG configuration values that include support for
the optional two-thirds, one-third FEC_CRS deferral process. This optional IPG mechanism
enhances system robustness and ensures fair access to the medium. During the first two-thirds of
the IPG, the IPG timer is cleared if FEC_CRS is sensed. During the final one-third of the IPG,
FEC_CRS is ignored and the transmission begins when IPG is timed. The two-thirds/one-third
ratio is recommended.
21.5.3.5.3 Handling Packet Collisions
When transmitting a packet in half-duplex mode, the FEC is sensitive to FEC_COL. If a collision
occurs, it aborts the packet and outputs the 32-bit jam sequence. The jam sequence is made up of
several bits of the CRC, inverted to guarantee an invalid CRC upon reception. A signal is sent to
the system indicating a collision occurred and the start of the frame is needed for retransmission.
The FEC then backs-off of the medium for a time determined by the truncated binary exponential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com