Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1182 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1182 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1182 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-42
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-32 describes the fields of the HAFDUP register.
21.5.3.6.5 Maximum Frame Length Register (MAXFRM)
The MAXFRM register is written by the user. Figure 21-34 describes the MAXFRM register.
Table 21-32. HAFDUP Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–11
Alternate BEB
Truncation
Used when alternate binary exponential back-off enable is set. The value programmed is
substituted for the Ethernet standard value of ten.
12
Alt BEB
Setting this bit configures the Tx MAC to use the alternate binary exponential back-off
truncation setting instead of the 802.3 standard tenth collision. The standard specifies that any
collision after the tenth uses 210 – 1 as the maximum back-off time. Clearing this bit causes
the Tx MAC to follow the standard binary exponential back-off rule.
13
BP No BackOff Setting this bit configures the Tx MAC to immediately retransmit, following a collision, during
back pressure operation. Clearing this bit causes the Tx MAC to follow the binary exponential
back-off rule.
14
No BackOff
Setting this bit configures the Tx MAC to immediately retransmit following a collision. Clearing
this bit causes the Tx MAC to follow the binary exponential back-off rule.
15
Excess Defer
Setting this bit configures the Tx MAC to allow the transmission of a packet that was
excessively deferred. Clearing this bit causes the Tx MAC to abort the transmission of a packet
that was excessively deferred.
16–19 Retransmission
Maximum
Specifies the number of retransmission attempts following a collision before aborting the
packet due to excessive collisions. The standard specifies the attempt limit to be 0xF (15d),
which is the default.
20–25
—
Reserved
26–31
Collision
Window
The slot time or collision window during which collisions occur in properly configured networks.
Because the window starts at the start of transmission, the preamble and SFD are included.
Its default of 0x37 (55d) corresponds to the count of frame bytes at the end of the window.
015 16
31
R 0
000
000
000
000
000
Maximum Frame
W
Reset
0000_0000_0000_0000_0000_0110_0000_0000
Offset
0x2_6510
Figure 21-34. Maximum Frame Length Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com