Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1186 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1186 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1186 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-46
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.5.3.7.2 Group Address Registers 0–7 (GADDRn)
The GADDRn registers, shown in Figure 21-39, represent 256 entries of the group (multicast)
address hash table used in the address recognition process. When the DA field of a receive frame
is processed through a 32-bit CRC generator, the 8-bit MSB of the CRC remainder is mapped to
one of the 256 entries. The user can enable a hash entry by setting the appropriate bit. A hash table
hit occurs when the DA CRC result points to an enabled hash entry.
Table 21-38 describes the field of the GADDRn registers.
21.5.3.8 Attribute Registers
This section describes the two FEC frame attribute registers.
21.5.3.8.1 Attribute Register (ATTR)
The ATTR, shown in Figure 21-40, defines attributes and transaction types used to access buffer
descriptors and to write receive data and to read transmit data. Snoop enable attributes may be set
for reading buffer descriptors and for reading transmit data. Buffer descriptors may be written with
attributes that cause allocation into the L2 cache with or without line locking. Similarly, sections
of a receive frame header may have attributes attached that cause allocation and locking in the L2
cache. This process of specifying a region of each frame to stash into the L2 cache is referred to
as extraction. Extraction is specified in conjunction with ATTRELI. ATTR[ELCWT] only has
meaning if the ATTRELI[EL] field is non-zero.
0
15
R
GADDRn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6880, 0x2_6884, 0x2_6888, 0x2_688C, 0x2_6890, 0x2_6894, 0x2_6898, 0x2_689C
Figure 21-39. GADDRn Register Definition
Table 21-38. GADDRn Field Description
Bits
Name
Description
0–31
GADDRn Represents the 32-bit value associated with the corresponding register. GADDR0 contains the
high-order 32 bits of the 256-entry group hash table and GADDR7 represents the low-order 32 bits.
For instance, the MSB of GADDR0 correlates to entry 0 and the LSB of GADDR7 correlates to
entry 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com