Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1188 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1188 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1188 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-48
Freescale Semiconductor
10/100 Fast Ethernet Controller
Table 21-40 describes the fields of the ATTRELI register.
21.6 Functional Description
This section describes many of the functions of the 10/100 fast Ethernet controller (FEC).
21.6.1 Connecting to the Physical Interface
This section describes how to connect the FEC to the MII interface. The bus follows the bus
conventions used in the IEEE 802.3 specification because the PHY follows the same conventions
(that is, in the bus TXD[3:0], bit 3 is the MSB and bit 0 the LSB).
21.6.1.1 Media-Independent Interface (MII)
This section describes the media independent interface (MII) intended to be used between the
PHYs and the FEC. Figure 21-42 depicts the basic components of the MII including the signals
required to establish the FEC module connection with a PHY.
0
1
2
15 16 17 18
31
R0
0
EL
00
EI
W
RESET
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6BFC
Figure 21-41. ATTRELI Register Definition
Table 21-40. ATTRELI Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2–15
EL
Extracted length. Specifies the number of bytes to extract from the receive frame. The DMA controller
uses this field to perform extraction. If set to zero, no extraction is performed.
16–17
—
Reserved
18–31
EI
Extracted index. Points to the first byte within the receive frame from which to begin extracting data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com