Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1187 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1187 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1187 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-47
Table 21-39 describes the fields of the ATTR register.
21.5.3.8.2 Attribute Extract Length and Extract Index Register (ATTRELI)
The ATTRELI registers are written by the user to specify the extract index and extract length.
Figure 21-41 describes the definition for ATTRELI.
0
15 1617
1819
20
21
22 23
24
25
26
31
R
0000_0000_0000_0000
0
ELCWT
0
BDLWT
00
RDSEN RBDSEN
0 000 00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6BF8
Figure 21-40. ATTR Register Definition
Table 21-39. ATTR Field Descriptions
Bits
Name
Description
0–16
—
Reserved
17–18
ELCWT
Extracted L2 cache write type. Specifies the write transaction type to perform for the extracted
data. This occurs only if ATTRELI[EL] is non-zero. For maximum performance, it is recommended
that if ELCWT is set to allocate, BDLWT also be set to allocate. Writes to cache are always
performed with snoop. This setting overrides the RDSEN bit setting.
00 No allocation performed.
01 Reserved, no extraction occurs.
10 Allocate L2 cache line.
11 Allocate and lock L2 cache line.
19
—
Reserved
20–21
BDLWT
Buffer descriptor L2 cache write type. Specifies the write transaction type to perform for the buffer
descriptor for a receive frame. Writes to cache are always performed with snoop.
00 No allocation performed. This setting overrides the RBDSEN bit setting.
01 Reserved
10 Allocate L2 cache line.
11 Allocate and lock L2 cache line.
22–23
—
Reserved
24
RDSEN
Rx data snoop enable. This bit is superseded by the ELCWT settings.
0 Disables snooping of all receive frames data to memory unless ELCWT specifies L2 allocation.
1 Enables snooping of all receive frames data to memory.
25
RBDSEN RxBD snoop enable. This bit is superceded by the BDLWT settings.
0 Disables snooping of all receive BD memory accesses unless BDLWT specifies L2 allocation.
1 Enables snooping of all receive BD memory accesses.
26–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com