Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1185 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1185 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1185 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-45
Table 21-36 describes the fields of the MACSTNADDR2 register.
21.5.3.7 Hash Function Registers
This section provides detailed descriptions of the registers used for hash functions. All of the
registers are 32 bits wide. When the DA field of a receive frame is processed through a 32-bit CRC
generator, the 8-bit MSB of the CRC remainder is mapped to a hash table entry. The user can
enable a hash entry by setting the appropriate bit. A hash entry usually represents a set of
addresses. A hash table hit occurs when the DA CRC result points to an enabled hash entry. The
user must further filter the address. See Section 21.6.2.5.2, “Hash Table Algorithm,” for more
information on the hash algorithm.
21.5.3.7.1 Individual Address Registers 0–7 (IADDRn)
The IADDRn registers, shown in Figure 21-38, represent 256 entries of the individual (unicast)
address hash table used in the address recognition process. When the DA field of a receive frame
is processed through a 32-bit CRC generator, the 8 high-order bits (0–7) of the CRC remainder are
mapped to one of the 256 entries. The user can enable a hash entry by setting the appropriate bit.
A hash table hit occurs when the DA CRC result points to an enabled hash entry.
Table 21-37 describes the field of the IADDRn registers.
Table 21-36. MACSTNADDR2 Field Descriptions
Bit
Name
Description
0–7
Station Address, 2nd Octet This field holds the second octet of the station address. The second octet (station
address bits 8–15) defaults to a value of 0x00.
8–15
Station Address, 1st Octet This field holds the first octet of the station address. The first octet (station address
bits 0–7) defaults to a value of 0x00.
16–3
1
—Reserved
0
31
R
IADDRn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_6800, 0x2_6804, 0x2_6808, 0x2_680C, 0x2_6810, 0x2_6814, 0x2_6818, 0x2_681C
Figure 21-38. IADDRn Register Definition
Table 21-37. IADDRn Field Description
Bits
Name
Description
0–31
IADDRn
Represents the 32-bit value associated with the corresponding register. IADDR0 contains the
high-order 32 bits of the 256-entry hash table and IADDR7 represents the low-order 32 bits. For
instance, the MSB of IADDR0 correlates to entry 0 and the LSB of IADDR7 correlates to entry 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com