Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1149 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1149 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1149 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-9
21.5 Memory Map/Register Definition
The FEC uses a software model similar to that employed by the Fast Ethernet function supported
on the Freescale Semiconductor MPC8260 CPM FCC and in the 10/100 controller of the
MPC860T.
The FEC is programmed by a combination of control/status registers (CSRs) and buffer
descriptors. The CSRs are used for mode control, interrupts, and to access status information. The
descriptors are used to pass data buffers and related buffer status or frame information between the
hardware and software.
All accesses to and from the registers must be made with 32-bit accesses. There is no support for
accesses of sizes other than 32 bits.
This section of the document defines the memory map and describes the registers in detail. The
buffer descriptors are described in Section 21.6.3, “Buffer Descriptors.”
The MII registers are described in this section.
21.5.1 Top-Level Module Memory Map
The FEC implementation requires 4 Kbytes of memory-mapped space, of which more than
1 Kbyte is reserved for future expansion. The space is divided into the following sections:
•
General control/status registers
•
Transmit-specific control/status registers
•
Receive specific control/status registers
•
MAC registers
•
Hash function registers
FEC_TX_ER
O
Transmit error
State
Meaning
Asserted/Negated—Assertion of this signal for one or more clock cycles while
FEC_TX_EN is asserted causes the PHY to transmit one or more illegal symbols.
Asserting FEC_TX_ER has no effect when operating at 10 Mbps or when
FEC_TX_EN is negated.
Timing Asserted/Negated—This signal transitions synchronously with respect to
FEC_TX_CLK.
Table 21-1. FEC Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com