Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1148 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1148 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1148 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-8
Freescale Semiconductor
10/100 Fast Ethernet Controller
21.4.1 Detailed Signal Descriptions
Table 21-1 provides a detailed description of the FEC interface signals. The modes follow the
IEEE 802.3 standard, 2000 Edition. Input signals not used are internally disabled. Output signals
not used are driven low.
Table 21-1. FEC Signals—Detailed Signal Descriptions
Signal
I/O
Description
FEC_COL
I
Collision. The behavior of this signal is not specified when in full-duplex mode.
State
Meaning
Asserted/Negated—Asserted upon detection of a collision. It must remain asserted
while the collision persists.
Timing Asserted/Negated—Not required to transition synchronously with FEC_TX_CLK or
FEC_RX_CLK.
FEC_CRS
I
Carrier sense. Used as SDET (signal detect), an optional signal that some PHYs generate.
State
Meaning
Asserted/Negated—Asserted when the transmit or receive medium is not idle. In case
of a collision, FEC_CRS must stay asserted through the duration of the collision.
Timing Asserted/Negated—Not required to transition synchronously with FEC_TX_CLK or
FEC_RX_CLK.
FEC_RX_CLK
I
Receive clock. This is a continuous clock (2.5, or 25 MHz) that provides a timing reference for
FEC_RX_DV, FEC_RXD, and FEC_RX_ER.
FEC_RX_DV
I
Receive data valid. If FEC_RX_DV is asserted, the PHY is indicating that valid data is present on
the MII interfaces.
FEC_RXD[3:0
]
I
Receive data in. Represents a nibble of data to be transferred from the PHY to the MAC when
FEC_RX_DV is asserted. A completely formed SFD must be passed across the MII. When
FEC_RX_DV is not asserted, FEC_RXD has no meaning.
FEC_RX_ER
I
Receive error
State
Meaning
Asserted—When FEC_RX_ER and FEC_RX_DV are asserted, the PHY has detected
an error in the current frame.
Negated—The PHY has not detected an error in the current frame.
FEC_TX_CLK
I
Transmit clock in. FEC_TX_CLK is a continuous clock (with a frequency of 2.5 or 25 MHz) that
provides a timing reference for FEC_TX_EN, FEC_TXD, and FEC_TX_ER. FEC_TX_CLK is
generated in the PHY and provided to the MAC.
FEC_TXD[3:0]
O
Transmit data out
State
Meaning
Asserted/Negated—Represents a nibble of data to be sent from the MAC to the PHY
when FEC_TX_EN is asserted; has no meaning if FEC_TX_EN is negated.
FEC_TX_EN
O
Transmit data valid
State
Meaning
Asserted—The MAC is indicating that valid data is present on the MII.
Negated—Valid data is not guaranteed to be present on the MII.
Timing Asserted/Negated—This signal transitions synchronously with respect to
FEC_TX_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com